Electronic Components Datasheet Search
  English  ▼

X  

HT16E2T3 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT16E2T3
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16E2T3 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT16E2T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16E2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Rev. 1.00
PB
�an�a�� ��� �011
Rev. 1.00
i
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Table of Contents
Features ......................................................................................................................... 1
Applications................................................................................................................... 1
General Description ...................................................................................................... 1
Naming for Selection Guide ......................................................................................... 2
Block Diagram ............................................................................................................... 2
Pin Assignment ............................................................................................................. 3
Pin Description .............................................................................................................. 3
Absolute Maximum Ratings ......................................................................................... 4
Functional Description ................................................................................................. 5
Address/Data Waveform............................................................................................... 5
Bit Time (Td).........................................................................................................................5
Code Wo�d ...........................................................................................................................6
Operation Flowchart ..................................................................................................... 7
Application Circuit ........................................................................................................ 7
Package Information ..................................................................................................... 8
�0-pin SSOP (150mil) O�tline Dimensions ..........................................................................�
Reel Dimensions..................................................................................................................9
Ca��ie� Tape Dimensions....................................................................................................10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com