Electronic Components Datasheet Search
  English  ▼

X  

HT12C2T3 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT12C2T3
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12C2T3 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT12C2T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12C2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.00
�
�an�a�� ��� �011
Rev. 1.00
3
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Naming for Selection Guide
Carrier Frequency
3: 300MHz~365MHz
4: 365MHz~450MHz
HTxx_x_x_Tx
Bit Time (Td)
2: 1ms
Address (Dip switch) No.
C: 6
E: 8
G: 10 (not available for HT12xTx)
Total Address + Data (Trigger) No.
12: 12 / 20SSOP package
16: 14 / 20SSOP package
Block Diagram
÷3 Divider
CREF
EN
Oscillator
Binary Detector
18 Transmission
Gate Circuit
PAOUT
VSS
VDD
315M/433MHz
ASK Tx
Data Select
& Buffer
Sync.
Circuit
÷18 Counter &
1 of 18 Decoder
A8/D8
A15/D15
A0/D0
A9/D9
DOUT
OSC2
OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com