Electronic Components Datasheet Search
  English  ▼

X  

HT16K23 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16K23
Description  RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16K23 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16K23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16K23 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Rev. 1.00
�0
�a��� 0�� �011
Rev. 1.00
�1
�a��� 0�� �011
HT16K23
RAM Mapping 20*4/16*8 LCD Controller Driver with keyscan
I2C Serial Interface
The device includes a I2C serial interface. The I2C bus is used for bidirectional, two-line
communication between different ICs or modules. The two lines are a serial data line (SDA) and a
serial clock line (SCL). Both lines are connected to a positive supply via a pull-up resistor. When
the bus is free, both lines are high. The output stages of devices connected to the bus must have an
open-drain or open-collector output type to implement the required wired and function. Data transfer
is initiated only when the bus is not busy.
Data Validity
The data on the SDA line must be stable during the high period of the clock. The high or low state of
the data line can only change when the clock signal on the SCL line is Low (see as below).
SDA
SCL
Data line stable,
Data valid
Chang of data
allowed
START and STOP Conditions
● A high to low transition on the SDA line while SCL is high defines a START condition.
● A low to high transition on the SDA line while SCL is high defines a STOP condition.
● START and STOP conditions are always generated by the master. The bus is considered to be
busy after the START condition. The bus is considered to be free again a certain time after the
STOP condition.
● The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition. In this
respect, the START(S) and repeated START (Sr) conditions are functionally identical.
P
S
SDA
SCL
SDA
SCL
START �ondition
STOP �ondition
Byte Format
Every byte put on the SDA line must be 8-bits long. The number of bytes that can be transmitted per
transfer is unrestricted. Each byte has to be followed by an acknowledge bit. Data is transferred with
the most significant bit (MSB) first.
S
o�
S�
P
o�
S�
SDA
SCL
1
�
7
8
9
ACK
1
�
3-8
9
ACK
P
S�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com