Electronic Components Datasheet Search
  English  ▼

X  

HT7718 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT7718
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT7718 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 19Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Carrier Tape Dimensions
SOT89-3
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
12.0
+0.3/-0.1
P
Cavity Pitch
8.0
±0.1
E
Perforation Position
1.75
±0.10
F
Cavity to Perforation (Width Direction)
5.50
±0.05
D
Perforation Diameter
1.5
+0.1/-0.0
D1
Cavity Hole Diameter
1.5
+0.1/-0.0
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.0
±0.1
A0
Cavity Length
4.8
±0.1
B0
Cavity Width
4.5
±0.1
K0
Cavity Depth
1.8
±0.1
t
Carrier Tape Thickness
0.300
±0.013
C
Cover Tape Width
9.3
±0.1
SOT23-3, SOT23-5
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
8.0
±0.3
P
Cavity Pitch
4.0
±0.1
E
Perforation Position
1.75
±0.10
F
Cavity to Perforation (Width Direction)
3.50
±0.05
D
Perforation Diameter
1.5
+0.1/-0.0
D1
Cavity Hole Diameter
1.5
+0.1/-0.0
P0
Perforation Pitch
4.0
±0.1
P1
Cavity to Perforation (Length Direction)
2.00
±0.05
A0
Cavity Length
3.15
±0.10
B0
Cavity Width
3.2
±0.1
K0
Cavity Depth
1.4
±0.1
t
Carrier Tape Thickness
0.20
±0.03
C
Cover Tape Width
5.3
±0.1
HT77XX
Rev 1.90
18
October 13, 2010
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C
I C M a r k i n g
R e e l H o l e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com