Electronic Components Datasheet Search
  English  ▼

X  

HT7727 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7727
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7727 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7727 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HT77XX
PFM Asynchronous Step-up DC to DC Converter (100mA)
Selection Table
Part No.
Output Voltage
Package
Marking
HT7718
1.8V
TO92
SOT89
SOT23
SOT23-5
HT77XX (for TO92)
HT77XX# (for SOT89)
HT77XX+ (for SOT89)
77XX# (for SOT23)
77XX+ (for SOT23)
77XX# (for SOT23-5)
77XX+ (for SOT23-5)
HT7722
2.2V
HT7727
2.7V
HT7730
3.0V
HT7733
3.3V
HT7737
3.7V
HT7750
5.0V
Note:
²XX² stands for output voltages.
Both lead free and green compound devices are available.
²#² stands for lead free devices. For the TO-92 package, there will be a ²#² mark at the end of the date code.
²+² stands for green compound devices, which are Lead-free and Halogen-free.
For the TO-92 package, there will be a
²+² mark at the end of the date code.
Rev 1.90
1
October 13, 2010
Features
· Low start-up voltage: 0.7V (Typ.), 0.9V (Max.)
· High efficiency: 85% (Typ.), VOUT³2.7V
· High output voltage accuracy: ±2.5%
· Output voltage: 1.8V, 2.2V, 2.7V, 3.0V, 3.3V, 3.7V,
5.0V
· Output current up to 100mA
· Ultra low supply current IDD2:4mA (Typ.)
· Low ripple and low noise
· Low shutdown current: 0.5mA (Typ.)
· TO92, SOT89, SOT23 and SOT23-5 package
Applications
· Palmtops/PDAs
· Portable communicators/Smartphones
· Cameras/Camcorders
· Battery-powered equipment
General Description
The HT77XX series is a set of PFM step-up DC/DC con-
verter with high efficiency and low ripple. The series fea-
tures extremely low start-up voltage and high output
voltage accuracy. They require only three external com-
ponents to provide a fixed output voltage of 1.8V, 2.2V,
2.7V, 3.0V, 3.3V, 3.7V or 5.0V. CMOS technology en-
sures ultra low supply current and makes them ideal for
battery-operated applications powered from one or
more cells.
The HT77XX consists of an oscillator, a PFM control cir-
cuit, a driver transistor, a reference voltage unit, and a
high speed comparator. They employ pulse frequency
modulation (PFM) for minimum supply current and rip-
ple at light output loading. These devices are available
in space saving TO92, SOT89, SOT23 and SOT23-5
packages. For SOT23-5 package, it also build-in a chip
enable function to reduce power consumption during
shutdown mode.


Similar Part No. - HT7727

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7727 HOLTEK-HT7727 Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT7727 HOLTEK-HT7727 Datasheet
507Kb / 19P
PFM Step-up DC/DC Converter
September 12, 2007
HT7727 HOLTEK-HT7727 Datasheet
406Kb / 16P
PFM Asynchronous Step-up DC to DC Converter (100mA)
June 25, 2016
HT7727A HOLTEK-HT7727A Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
HT7727A HOLTEK-HT7727A Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
More results

Similar Description - HT7727

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
100mA PFM Synchronous Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
PFM Asynchronous Step-up DC to DC Converter (100mA)
June 25, 2016
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com