Electronic Components Datasheet Search
  English  ▼

X  

HT82K75RE Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT82K75RE
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75RE Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT82K75RE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 28Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 29Page - Holtek Semiconductor Inc HT82K75RE Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.30
26
November 24, 2010
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers.
Register
Reset
(Power-on)
WDT time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
PCL
000H
000H
000H
000H
000H
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMRL
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1----
00-0 1----
00-0 1----
00-0 1----
uu-u u---
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PD **
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC **
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PE **
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PEC **
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
WDTS
---- -111
---- -111
---- -111
---- -111
---- -uuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
CTLR
0100 0x00
0100 0x00
0100 0x00
0100 0x00
uuuu uxuu
PTR
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TBHP
----- 0000
----- 0000
----- 0000
----- 0000
0000 uuuu
SPIR
0000 0000
0000 0000
0000 0000
0000 0000
0000 uuuu
SBCR
0110 0000
0110 0000
0110 0000
0110 0000
uuuu uuuu
SBDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
Note:
²**² For the HT82K75R only
²-² not implemented
²u² means ²unchanged²
²x² means ²unknown²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com