Electronic Components Datasheet Search
  English  ▼

X  

HT1647 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 6416 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Circuits
Host Controller with an HT1647 Display System
*Note: The connection of IRQ and RD pin can be selected depending on the MCU.
The voltage applied to VLCD pin must be equal to or lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15k
W± 20%.
It is recommended to select 1/5 bias to fit TN-type, STN-type LCDs and select 1/4 bias to fit ECB-type LCDs.
Adjust R (external pull high resistance) to fit user
¢s time base clock.
Instruction Set Summary
Name
Command Code
D/C
Function
Def.
READ
A8110-A7A6A5A4A3A2A1A0D3D2D1D0
D
Read data from the RAM
WRITE
A8101-A7A6A5A4A3A2A1A0D3D2D1D0
D
Write data to the RAM
READ-MODIFY-
WRITE
A8101-A7A6A5A4A3A2A1A0D3D2D1D0
D
Read and Write data to the RAM
SYS DIS
X100-0000-0000-XXXX
C
Turn Off both system oscillator and LCD bias
generator
Yes
SYS EN
X100-0000-0001-XXXX
C
Turn On system oscillator
LCD OFF
X100-0000-0010-XXXX
C
Turn Off LCD display
Yes
LCD ON
X100-0000-0011-XXXX
C
Turn On LCD display
TIMER DIS
X100-0000-0100-XXXX
C
Disable time base output
Yes
WDT DIS
X100-0000-0101-XXXX
C
Disable WDT time-out flag output
Yes
TIMER EN
X100-0000-0110-XXXX
C
Enable time base output
WDT EN
X100-0000-0111-XXXX
C
Enable WDT time-out flag output
TONE OFF
X100-0000-1000-XXXX
C
Turn Off tone outputs
Yes
CLR TIMER
X100-0000-1101-XXXX
C
Clear the contents of the time base generator
CLR WDT
X100-0000-1111-XXXX
C
Clear the contents of the WDT stage
TONE 4K
X100-0001-0000-XXXX
C
Turn on tone output, tone frequency output:
4kHz
TONE 2K
X100-0001-0001-XXXX
C
Turn on tone output, tone frequency output:
2kHz
HT1647
Rev. 1.40
14
November 9, 2010
PATENTED
I R Q
D B 0 ~ D B 3
*
O n - c h i p O S C
O S C I
O S C O
C l o c k O u t
E x t e r n a l C l o c k 1 ( 3 2 k H z )
E x t e r n a l C l o c k 2 ( 3 2 k H z )
C S
R D
W R
C r y s t a l
3 2 7 6 8 H z
H T 1 6 4 7
L C D P a n e l
B Z
B Z
C O M 0 ~ C O M 1 5
S E G 0 ~ S E G 6 3
* 1 / 5 B i a s ( o r 1 / 4 B i a s ) , 1 / 1 6 D u t y
R*
V R
*
V D D
V L C D
P i e z o
M C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com