Electronic Components Datasheet Search
  English  ▼

X  

HT1660 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT1660
Description  96x32 LCD Controller for I/O MCU
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1660 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT1660 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 20Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package Information
208-pin QFP (28mm
´28mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
1.220
¾
1.236
B
1.098
¾
1.106
C
1.220
¾
1.236
D
1.098
¾
1.106
E
¾
0.020
¾
F
¾
0.008
¾
G
0.098
¾
0.122
H
¾¾
0.134
I
¾
0.004
¾
J
0.014
¾
0.026
K
0.004
¾
0.008
a
0
°¾
7
°
HT1660
Rev. 1.70
18
November 9, 2010
PATENTED
1 5 7
1 5 6
2 0 8
1
1 0 5
5 2
5 3
1 0 4
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com