Electronic Components Datasheet Search
  English  ▼

X  

HT7939 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7939
Description  High Current and Performance White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7939 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7939 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7939 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT7939
Rev 1.30
5
November 9, 2010
· Schottky Diode Selection
The output rectifier diode conducts during the internal
MOSFET is turn off. The average and peak current
rating must be greater than the maximum output cur-
rent and peak inductor current. The reverse break-
down voltage must be greater than the maximum
output voltage. It is recommended to use a schottky
diode with low forward voltage to minimize the power
dissipation and therefore to maximize the efficiency of
the converter. A 1N5819 type diode is recommended
for HT7939 applications.
· LED Current Selection
The LED current is controlled by the current sense
feedback resistor Rfb, The current sense feedback ref-
erence voltage is 200mV. In order to have accurate
LED currents, precision resistors are the preferred
type with a 1% tolerance. The LED current can be cal-
culated from the following formula.
Where ILED is the total output LED current, VFB=feed-
back voltage, Rfb=current sense resistor.
· Digital and Analog Dimming Control
The LED illumination level can be controlled using
both digital and analog methods.
The digital method uses a PWM signal applied to the
EN pin. This is shown in figure 13. The average LED
current increases proportionally with the PWM signal
duty cycle. A 0% duty cycle corresponds to zero LED
current. A 100% duty cycle corresponds to full LED
current. The PWM signal frequency should be set be-
low 1kHz due to the delay time of device startup.
There are two methods of analog LED brightness con-
trol. The first method uses a DC voltage to control the
feedback voltage. If the DC voltage range is from 0V
to 3.3V, the selection of resistors control the LED cur-
rent from 20mA to 0mA as shown in figure14. The
other way is to use a filtered PWM signal, as shown in
figure15. The filtered PWM signal application acts in
the same way as the DC voltage dimming control.
Layout Considerations
Circuit board layout is a very important consideration for
switching regulators if they are to function properly. Poor
circuit layout may result in related noise problems.
In order to minimize EMI and switching noise, please fol-
low the guidelines below:
· All tracks should be as wide as possible.
· The input and output capacitors, C1 and C2, should
be placed close to the VIN, VO and GND pins.
· The Schottky diode, D1, and inductor, L, must be
placed close to the SW pin.
· Feedback resistor, Rfb, must be placed close to the
FB and GND pins.
· A full ground plane is always helpful for better EMI
performance.
A recommended PCB layout with component locations
is shown below.
f b
R
f b
R
F B
V
L E D
I
2 0 0 m V
=
=
Top Layer
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com