Electronic Components Datasheet Search
  English  ▼

X  

H30C Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # H30C
Description  830MHz SAW Filter 12MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

H30C Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  H30C Datasheet HTML 1Page - SIPAT Co,Ltd H30C Datasheet HTML 2Page - SIPAT Co,Ltd H30C Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT83003
Rev. Date
2010-07-05
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
830MHz SAW Filter
12MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT83003
Typical Performance
Frequency Response
Passband Response
740
760
780
800
820
840
860
880
900
920
-91.0991
-81.0991
-71.0991
-61.0991
-51.0991
-41.0991
-31.0991
-21.0991
-11.0991
-1.0991
8.9009
Type Performance
Frequency(MHz)
800
810
820
830
840
850
860
-3.5991
-3.0991
-2.5991
-2.0991
-1.5991
-1.0991
-0.5991
-0.0991
0.4009
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±6MHz)
Phase Linearity(f0±6MHz)
815
820
825
830
835
840
845
-20
0
20
40
60
80
X: 830
Y: 27.11
Type Performance
Frequency(MHz)
X: 836
Y: 34.06
X: 824
Y: 37.62
815
820
825
830
835
840
845
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
X: 824
Y: 2.045
Type Performance
Frequency(MHz)
X: 834
Y: 1.466
X: 830
Y: -0.2465
Horizontal: 5MHz/Div
Vertical: 20ns/Div
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com