Electronic Components Datasheet Search
  English  ▼

X  

H47D Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # H47D
Description  847MHz SAW Filter 30MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

H47D Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  H47D Datasheet HTML 1Page - SIPAT Co,Ltd H47D Datasheet HTML 2Page - SIPAT Co,Ltd H47D Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT84704
Rev. Date
2010-06-07
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
847MHz SAW Filter
30MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT84704
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
847
-
Insertion Loss(832~862MHz)
dB
-
1.7
3
Passband variation(832~862MHz)
dB
-
0.7
1.5
Group delay variation(832~862MHz)
nsec
-
28
50
VSWR(832~862MHz)
-
-
1.7/1.8
2
10~726MHz
dB
40
65
-
726~791MHz
dB
30
52
-
791~821MHz
dB
30
33
-
874~884MHz
dB
8
14
-
884~900MHz
dB
20
30
-
900~1300MHz
dB
30
45
-
Ultimate Rejection
1300~3000MHz
dB
25
30
-
Material Temperature coefficient
KHz/°C
-27.1
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
20
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - H47D

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H47N15HFB HUIXIN-H47N15HFB Datasheet
897Kb / 6P
150V Single N-Channel MOSFET
More results

Similar Description - H47D

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS26 SIPAT-LB070DS26 Datasheet
142Kb / 3P
70MHz SAW Filter 30MHz Bandwidth
LB385DS01 SIPAT-LB385DS01 Datasheet
146Kb / 3P
385MHz SAW Filter 30MHz Bandwidth
LBT94502 SIPAT-LBT94502 Datasheet
197Kb / 3P
945MHz SAW Filter 30MHz Bandwidth
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
224MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
LBT84705 SIPAT-LBT84705 Datasheet
176Kb / 3P
847MHz SAW Filter 30MHz Bandwidth
LBN22402 SIPAT-LBN22402 Datasheet
118Kb / 3P
224MHz SAW Filter 30MHz Bandwidth
LBN41504 SIPAT-LBN41504 Datasheet
177Kb / 3P
415MHz SAW Filter 30MHz Bandwidth
LBT84704 SIPAT-LBT84704 Datasheet
166Kb / 3P
847MHz SAW Filter 30MHz Bandwidth
LBT84705 SIPAT-LBT84705 Datasheet
176Kb / 3P
847MHz SAW Filter 30MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com