Electronic Components Datasheet Search
  English  ▼

X  

LBT92001 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT92001
Description  920MHz SAW Filter 10MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT92001 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT92001 Datasheet HTML 1Page - SIPAT Co,Ltd LBT92001 Datasheet HTML 2Page - SIPAT Co,Ltd LBT92001 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT92001
Rev. Date
2008-07-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
920MHz SAW Filter
10MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT92001
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
920
-
Insertion Loss(f0±5MHz)
dB
-
1.7
3.5
1 dB Bandwidth
MHz
10
13.58
-
20 dB Bandwidth
MHz
-
26.67
35
Passband Variation
dB
-
0.1
1
Absolute Delay
usec
-
0.05
-
820~890MHz
dB
30
41
-
Ultimate Rejection
950~1000MHz
dB
30
37
-
Material Temperature coefficient
KHz/°C
-29.44
Substrate Material
-
36LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.8*3.8
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBT92001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT92501 SIPAT-LBT92501 Datasheet
191Kb / 3P
925.4MHz SAW Filter 14MHz Bandwidth
More results

Similar Description - LBT92001

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11301 SIPAT-LBN11301 Datasheet
139Kb / 3P
113.6MHz SAW Filter 10MHz Bandwidth
LBT13301 SIPAT-LBT13301 Datasheet
150Kb / 3P
133MHz SAW Filter 10MHz Bandwidth
LBN08505 SIPAT-LBN08505 Datasheet
135Kb / 3P
85MHz SAW Filter 10MHz Bandwidth
LBN12002 SIPAT-LBN12002 Datasheet
193Kb / 3P
120MHz SAW Filter 10MHz Bandwidth
LBN14071 SIPAT-LBN14071 Datasheet
290Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBT11561 SIPAT-LBT11561 Datasheet
140Kb / 3P
115MHz SAW Filter 10MHz Bandwidth
LBT11803 SIPAT-LBT11803 Datasheet
140Kb / 3P
117.5MHz SAW Filter 10MHz Bandwidth
LBT14087 SIPAT-LBT14087 Datasheet
145Kb / 3P
140MHz SAW Filter 10MHz Bandwidth
LBT15013 SIPAT-LBT15013 Datasheet
148Kb / 3P
150MHz SAW Filter 10MHz Bandwidth
LBT72301 SIPAT-LBT72301 Datasheet
346Kb / 3P
723MHz SAW Filter 10MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com