Electronic Components Datasheet Search
  English  ▼

X  

93002 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 93002
Description  930MHz SAW Filter 26MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

93002 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  93002 Datasheet HTML 1Page - SIPAT Co,Ltd 93002 Datasheet HTML 2Page - SIPAT Co,Ltd 93002 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT93002
Rev. Date
2008-09-24
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
930MHz SAW Filter
26MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT93002
Typical Performance
Frequency Respond
Passband Respond
840
860
880
900
920
940
960
980
1000
1020
-92.4307
-82.4307
-72.4307
-62.4307
-52.4307
-42.4307
-32.4307
-22.4307
-12.4307
-2.4307
7.5693
Type Performance
Frequency(MHz)
900
910
920
930
940
950
960
-4.9307
-4.4307
-3.9307
-3.4307
-2.9307
-2.4307
-1.9307
-1.4307
-0.9307
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±2.5MHz)
Phase Linearity(f0±2.5MHz)
905
910
915
920
925
930
935
940
945
950
955
-40
-20
0
20
40
60
80
100
120
X: 930
Y: 33.88
Type Performance
Frequency(MHz)
X: 943
Y: 35.78
X: 917
Y: 54.99
905
910
915
920
925
930
935
940
945
950
955
-200
-150
-100
-50
0
50
100
150
X: 917
Y: 10.46
Type Performance
Frequency(MHz)
X: 943
Y: 10.43
X: 930
Y: -5.313
Horizontal: 5MHz/Div
Vertical: 20ns/Div
Horizontal: 5MHz/Div
Vertical: 50deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com