Electronic Components Datasheet Search
  English  ▼

X  

HT16562 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT16562
Description  1/2 Duty VFD Digital Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16562 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT16562_10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16562_10 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Circuits
Note: Capacitor C1 and C2 can adjust the accuracy of frequency
HT16562
Rev. 1.20
6
December 17, 2010
Time Adjustment Operation
· Hour/minute adjustment
Both the minutes and hour displays can be adjusted
separately or both together in a fast forward format.
The hour set pin, HS, and the minutes set pin, MS, are
used to make these adjustments. Both of these pins
are connected to internal pull-high resistors. Each
time one of these lines is pulled low, the respective
hour or minute value will increment by one, also if the
line is continuously held low then the respective value
will increment automatically at a rate of 2Hz. Both val-
ues will increment together if both lines are pulled low
simultaneously. Note that no carry functions will be im-
plemented when either the hour or minute value over-
flows.
· Zero adjustment
A zero adjust function is also included within the de-
vice and is controlled by the ZA pin. This pin is con-
nected to an internal pull-high resistor. Pulling this line
low will reset both the internal minutes and seconds
value, however the way in which the display is reset
depends upon the present value of the display. If the
minute value is presently less than 30 the only the
second and minute values will be reset to zero and the
hour value remain unchanged. However if the minute
value is presently at a value of 30 or higher then when
the zero adjustment function is executed, a carry will
be implemented and the hour value will be incre-
mented by one. The following table illustrates a few
examples of this operation.
Zero Adjust Examples
Present Time
After Zero Adjust
Hr.
Min.
Sec.
Hr.
Min.
Sec.
1
30
00
2
00
00
2
00
00
2
00
00
2
29
59
2
00
00
2
30
00
3
00
00
2
59
59
3
00
00
3
29
59
3
00
00
3 f , 1 f
1
2
3 d , 1 d
Y 1
4 . 1 9 4 3 0 4 M H z
2 f
D I M 1
T E S T
3 e , 1 e
X T
3 c , 1 c
V C C
X T
1 / 2 D u t y
V F D P a n e l
2 c , c o l '
3 g , 1 g
3 e , 1 e
S W 7
3 g , 1 g
2 e
V D D
V S S
2 a , 2 d
3 c , 1 c
3 f , 1 f
G R 2
S W 5
S W 2
3 a , 1 a
G R 1
Z A
3 b , 1 b
3 d , 1 d
S W 8
6 4 H z
C 2
2 a , 2 d
2 c , c o l
F -
J u m p e r
1
2
3
M S
4 b , 4 c , 2 b
G R 2
V C C
F +
D I M 2
2 f
G R 1
H S
2 c , c o l
3 a , 1 a
R 1
2 e
2 g
E F
A / C
S W 6
B L A N K
4 b , 4 c , 2 b
S W 4
C 1
S W 1
3 b , 1 b
2 g
S W 3
V C C
V C C
V C C
V C C
J u m p e r



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com