Electronic Components Datasheet Search
  English  ▼

X  

HT66F03 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT66F03 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
Enhanced Type TM
- ETM ................................................................81
Enhanced TM Operation ......................................................................................81
Enhanced Type TM Register Description..............................................................82
Enhanced Type TM Operating Modes ..................................................................87
Compare Output Mode .........................................................................................87
Timer/Counter Mode.............................................................................................92
PWM Output Mode...............................................................................................92
Single Pulse Output Mode ....................................................................................97
Capture Input Mode..............................................................................................99
Analog to Digital Converter............................................................101
A/D Overview .....................................................................................................101
A/D Converter Register Description ....................................................................101
A/D Converter Data Registers
- ADRL, ADRH ...................................................101
A/D Converter Control Registers
- ADCR0, ADCR1, ACERL.............................102
A/D Operation.....................................................................................................105
A/D Input Pins ....................................................................................................106
Summary of A/D Conversion Steps ....................................................................106
Programming Considerations .............................................................................107
A/D Transfer Function.........................................................................................107
A/D Programming Example ................................................................................107
Comparators ....................................................................................110
Comparator Operation ........................................................................................110
Comparator Interrupt ..........................................................................................110
Programming Considerations .............................................................................110
Interrupts..........................................................................................112
Interrupt Registers ..............................................................................................112
Interrupt Operation..............................................................................................118
External Interrupt ................................................................................................122
Comparator Interrupt ..........................................................................................122
Multi-function Interrupt ........................................................................................122
A/D Converter Interrupt.......................................................................................122
Time Base Interrupts ..........................................................................................122
EEPROM Interrupt .............................................................................................124
LVD Interrupt ......................................................................................................124
TM Interrupts ......................................................................................................124
Interrupt Wake-up Function ................................................................................124
Programming Considerations .............................................................................125
Contents
Rev. 1.30
5
February 17, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com