Electronic Components Datasheet Search
  English  ▼

X  

95701 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 95701
Description  957MHz SAW Filter 6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

95701 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  95701 Datasheet HTML 1Page - SIPAT Co,Ltd 95701 Datasheet HTML 2Page - SIPAT Co,Ltd 95701 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT95701
Rev. Date
2010-04-22
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
957MHz SAW Filter
6MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT95701
Typical Performance
Frequency Response
Passband Response
880
900
920
940
960
980
1000
1020
1040
-91.4688
-81.4688
-71.4688
-61.4688
-51.4688
-41.4688
-31.4688
-21.4688
-11.4688
-1.4688
8.5312
Type Performance
Frequency(MHz)
940
945
950
955
960
965
970
975
-3.4688
-2.9688
-2.4688
-1.9688
-1.4688
-0.9688
-0.4688
0.0312
Type Performance
Frequency(MHz)
Horizontal: 20MHz/Div
Vertical: 10dB/Div
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±3MHz)
Phase Linearity(f0±3MHz)
950
952
954
956
958
960
962
964
-40
-20
0
20
40
60
80
100
120
X: 954
Y: 54.59
Type Performance
Frequency(MHz)
X: 960
Y: 56.17
950
952
954
956
958
960
962
964
-10
-5
0
5
10
15
X: 954
Y: 2.501
Type Performance
Frequency(MHz)
X: 960
Y: 1.657
Horizontal: 2MHz/Div
Vertical: 20ns/Div
Horizontal: 2MHz/Div
Vertical: 5deg/Div
VSWR11
VSWR22
950
952
954
956
958
960
962
964
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
X: 954
Y: 1.397
Type Performance (VSWR1)
Frequency(MHz)
X: 960
Y: 1.143
950
952
954
956
958
960
962
964
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
X: 954
Y: 1.375
Type Performance (VSWR2)
Frequency(MHz)
X: 960
Y: 1.12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com