Electronic Components Datasheet Search
  English  ▼

X  

201803 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # 201803
Description  2017.5MHz SAW Filter 15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

201803 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  201803 Datasheet HTML 1Page - SIPAT Co,Ltd 201803 Datasheet HTML 2Page - SIPAT Co,Ltd 201803 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT201803
Rev. Date
2009-01-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
2017.5MHz SAW Filter
15MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT201803
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
2017.5
-
Insertion Loss(2010~2025MHz)
dB
-
3.3
4.2
Passband Variation(2010~2025MHz)
dB
-
0.4
1.2
Group Delay Variation(2010~2025MHz)
usec
-
6
30
Input/output VSWR(2010~2025MHz)
-
-
1.4/1.4
1.8
1700~1785 MHz
dB
40
45
-
1800~1860 MHz
dB
45
48
-
1920~1980 MHz
dB
30
36
-
2045~2070 MHz
dB
6
13
-
2070~2085 MHz
dB
15
31
-
Ultimate Rejection
2170~4000 MHz
dB
30
32
-
Ambient Temperature
°C
25
Operating Temperature Range
°C
-45
-
+85
Storage Temperature Range
°C
-45
-
+85
DC Voltage
V
12
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - 201803

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2018002-1 TEC-2018002-1 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-2 TEC-2018002-2 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-3 TEC-2018002-3 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-4 TEC-2018002-4 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
2018002-5 TEC-2018002-5 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
More results

Similar Description - 201803

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN11536 SIPAT-LBN11536 Datasheet
187Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN16045 SIPAT-LBN16045 Datasheet
138Kb / 3P
159.9MHz SAW Filter 15MHz Bandwidth
LBT13010 SIPAT-LBT13010 Datasheet
142Kb / 3P
130MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
872.5MHz SAW Filter 15MHz Bandwidth
LBN11536 SIPAT-LBN11536 Datasheet
192Kb / 3P
115MHz SAW Filter 15MHz Bandwidth
LBN13902 SIPAT-LBN13902 Datasheet
195Kb / 3P
138.8MHz SAW Filter 15MHz Bandwidth
LBT87301 SIPAT-LBT87301 Datasheet
169Kb / 3P
872.5MHz SAW Filter 15MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1193A TAI-SAW-TA1193A Datasheet
155Kb / 7P
SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com