Electronic Components Datasheet Search
  English  ▼

X  

71-0.2 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # 71-0.2
Description  71MHz SAW Filter 0.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

71-0.2 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  71-0.2 Datasheet HTML 1Page - SIPAT Co,Ltd 71-0.2 Datasheet HTML 2Page - SIPAT Co,Ltd 71-0.2 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
UE71-0.2
Rev. Date
2011-02-22
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
2.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
71MHz SAW Filter
0.2MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: UE71-0.2
Typical Performance
Frequency Response
Passband Response
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
73.5
-107.7443
-97.7443
-87.7443
-77.7443
-67.7443
-57.7443
-47.7443
-37.7443
-27.7443
-17.7443
-7.7443
Type Performance
Frequency(MHz)
70.7
70.8
70.9
71
71.1
71.2
71.3
-20.2443
-19.7443
-19.2443
-18.7443
-18.2443
-17.7443
-17.2443
-16.7443
-16.2443
Type Performance
Frequency(MHz)
Horizontal: 0.5MHz/Div
Vertical: 10dB/Div
Horizontal: 0.1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.1MHz)
Phase Linearity(f0±0.1MHz)
70.5
70.6
70.7
70.8
70.9
71
71.1
71.2
71.3
71.4
71.5
2500
3000
3500
4000
4500
5000
X: 71
Y: 3713
Type Performance
Frequency(MHz)
X: 71.1
Y: 3810
X: 70.9
Y: 3762
70.5
70.6
70.7
70.8
70.9
71
71.1
71.2
71.3
71.4
71.5
-5
-4
-3
-2
-1
0
1
2
3
4
5
X: 70.9
Y: -0.0635
Type Performance
Frequency(MHz)
X: 71
Y: 0.3176
X: 71.1
Y: -0.4901
Horizontal: 0.1MHz/Div
Vertical: 500ns/Div
Horizontal: 0.1MHz/Div
Vertical: 1deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com