Electronic Components Datasheet Search
  English  ▼

X  

TFS140AS Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS140AS
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS140AS Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS140AS Datasheet HTML 1Page - Vectron International, Inc TFS140AS Datasheet HTML 2Page - Vectron International, Inc TFS140AS Datasheet HTML 3Page - Vectron International, Inc TFS140AS Datasheet HTML 4Page - Vectron International, Inc TFS140AS Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 140as.doc
Version 1.5
21.12.2006
VI TELEFILTER
Filter specification
TFS 140AS
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Filter characteristic
70
84
98
112
126
140
154
168
182
196
210
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
126
128.8
131.6
134.4
137.2
140
142.8
145.6
148.4
151.2
154
-6
-5.4
-4.8
-4.2
-3.6
-3
-2.4
-1.8
-1.2
-0.6
0
frequency in MHz
126
128.8
131.6
134.4
137.2
140
142.8
145.6
148.4
151.2
154
0.51
0.57
0.63
0.69
0.75
0.81
0.87
0.93
0.99
1.05
1.11
frequency in MHz
Construction and pin connection
(All dimensions in mm)
13,6Max.
1
8
9
10
1,5
2,54 ±0,15
0,8
0,1
1 2 3 4
5
6
7
11
12
Date code
Date code: Year + week
U
2006
V
2007
W
2008
...
1
Ground
2
Ground
3
Ground
4
Ground
5
Output
6
Output RF Return
7
Ground
8
Ground
9
Ground
10
Ground
11
Input
12
Input RF Return
TFS 140AS
●
U51
50 Ohm Test circuit
C1
L1
SAW
L2
C2
1,2,3,4,7,8,9,10
5
6
11
12
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com