Electronic Components Datasheet Search
  English  ▼

X  

HT66F13 Datasheet(PDF) 126 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 126 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 173 page
background image
External Interrupt
The external interrupts are controlled by signal transitions on the pins INT0~INT1. An external
interrupt request will take place when the external interrupt request flags, INT0F~INT1F, are set,
which will occur when a transition, whose type is chosen by the edge select bits, appears on the
external interrupt pins. To allow the program to branch to its respective interrupt vector address, the
global interrupt enable bit, EMI, and respective external interrupt enable bit, INT0E~INT1E, must first
be set. Additionally the correct interrupt edge type must be selected using the INTEG register to enable
the external interrupt function and to choose the trigger edge type. As the external interrupt pins are
pin-shared with I/O pins, they can only be configured as external interrupt pins if their external
interrupt enable bit in the corresponding interrupt register has been set. The pin must also be setup as
an input by setting the corresponding bit in the port control register. When the interrupt is enabled, the
stack is not full and the correct transition type appears on the external interrupt pin, a subroutine call to
the external interrupt vector, will take place. When the interrupt is serviced, the external interrupt
request flags, INT0F~INT1F, will be automatically reset and the EMI bit will be automatically cleared
to disable other interrupts. Note that any pull-high resistor selections on the external interrupt pins will
remain valid even if the pin is used as an external interrupt input.
The INTEG register is used to select the type of active edge that will trigger the external interrupt. A
choice of either rising or falling or both edge types can be chosen to trigger an external interrupt. Note
that the INTEG register can also be used to disable the external interrupt function.
Multi-function Interrupt
Within these devices there are up to six Multi-function interrupts. Unlike the other independent
interrupts, these interrupts have no independent source, but rather are formed from other existing
interrupt sources, namely the TM Interrupts.
A Multi-function interrupt request will take place when any of the Multi-function interrupt request
flags, MF0F~MF1F are set. The Multi-function interrupt flags will be set when any of their included
functions generate an interrupt request flag. To allow the program to branch to its respective interrupt
vector address, when the Multi-function interrupt is enabled and the stack is not full, and either one of
the interrupts contained within each of Multi-function interrupt occurs, a subroutine call to one of the
Multi-function interrupt vectors will take place. When the interrupt is serviced, the related
Multi-Function request flag, will be automatically reset and the EMI bit will be automatically cleared
to disable other interrupts.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
126
February 9, 2011
INT0 Pin
INT1 Pin
INT0F
INT1F
INT0E
INT1E
EMI
04H
EMI
08H
M. Funct. 0
MF0F
MF0E
EMI
0CH
EMI
10H
A/D
ADF
ADE
EMI
14H
Time Base
TBF
TBE
EMI
18H
LVD
LVF
LVE
EMI
1CH
Interrupt
Name
Request
Flags
Enable
Bits
Master
Enable
Vector
EMI auto disabled in ISR
Low
TM1 P
T1PF
T1PE
TM1 A
T1AF
T1AE
M. Funct. 1
MF1F
MF1E
TM0 P
T0PF
T0PE
TM0 A
T0AF
T0AE
Interrupts contained within
Multi-Function Interrupts
TM1 B
T1BF
T1BE
Priority
High
xxE
Enable Bits
xxF
Request Flag, auto reset in ISR
Legend
xxF
Request Flag, no auto reset in ISR
Interrupt Structure
- HT66F15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com