Electronic Components Datasheet Search
  English  ▼

X  

HT66F13 Datasheet(PDF) 130 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 130 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 134Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 173 page
background image
Power Down Mode and Wake-up
Entering the IDLE or SLEEP Mode
There is only one way for the device to enter the SLEEP or IDLE Mode and that is to execute the
²HALT² instruction in the application program. When this instruction is executed, the following will
occur:
· The system clock will be stopped and the application program will stop at the HALT instruction.
· The Data Memory contents and registers will maintain their present condition.
· The WDT will be cleared and resume counting if the WDT clock source is selected to come from the
fSUB clock source and the WDT is enabled. The WDT will stop if its clock source originates from the
system clock.
· The I/O ports will maintain their present condition.
· In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared.
Standby Current Considerations
As the main reason for entering the SLEEP or IDLE Mode is to keep the current consumption of the
device to as low a value as possible, perhaps only in the order of several micro-amps, there are other
considerations which must also be taken into account by the circuit designer if the power consumption
is to be minimised. Special attention must be made to the I/O pins on the device. All high-impedance
input pins must be connected to either a fixed high or low level as any floating input pins could create
internal oscillations and result in increased current consumption. This also applies to devices which
have different package types, as there may be unbonbed pins. These must either be setup as outputs or
if setup as inputs must have pull-high resistors connected. Care must also be taken with the loads,
which are connected to I/O pins, which are setup as outputs. These should be placed in a condition in
which minimum current is drawn or connected only to external circuits that do not draw current, such
as other CMOS inputs. Also note that additional standby current will also be required if the
configuration options have enabled the LIRC oscillator.
Wake-up
After the system enters the SLEEP or IDLE Mode, it can be woken up from one of various sources
listed as follows:
· An external reset
· An external falling edge on Port A
· A system interrupt
· A WDT overflow
If the system is woken up by an external reset, the device will experience a full system reset, however,
if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated. Although both
of these wake-up methods will initiate a reset operation, the actual source of the wake-up can be
determined by examining the TO and PDF flags. The PDF flag is cleared by a system power-up or
executing the clear Watchdog Timer instructions and is set when executing the HALT instruction. The
TO flag is set if a WDT time-out occurs, and causes a wake-up that only resets the Program Counter
and Stack Pointer, the other flags remain in their original status.
Each pin on Port A can be setup using the PAWU register to permit a negative transition on the pin to
wake-up the system. When a Port A pin wake-up occurs, the program will resume execution at the
instruction following the
²HALT² instruction.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
130
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com