Electronic Components Datasheet Search
  English  ▼

X  

HT66F13 Datasheet(PDF) 134 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 134 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 138Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 173 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device
during the programming process. During the development process, these options are selected using the
HT-IDE software development tools. As these options are programmed into the device using the
hardware programming tools, once they are selected they cannot be changed later using the application
program. All options must be defined for proper system function, the details of which are shown in the
table.
No.
Options
Oscillator Options
1
High Speed System Oscillator Selection - fH: HXT, ERC, HIRC
2
High Speed Internal RC Frequency Selection: 4MHz, 8MHz or 12MHz
Reset Pin Options
3
Pin function: RES or PB3
Watchdog Options
4
Watchdog Timer: enable or disable
5
Watchdog Timer clock source Selection: fSUB or fSYS/4
Note: The fSUB and the fTBC clock source are the LIRC oscillator.
6
CLRWDT instructions: 1 or 2 instructions
LVR Options
7
LVR function: enable or disable
8
LVR voltage: 2.10V, 2.55V, 3.15V or 4.2V
Application Circuits
Note:
²*² It is recommended that this component is added for added ESD protection.
²**² It is recommended that this component is added in environments where power line noise is significant.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
134
February 9, 2011
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
R E S
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W *
0 . 0 1 m F * *
1 N 4 1 4 8 *
A N 0 ~ A N 3
P A 4 ~ P A 7
P B 0 , P B 4 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com