| Electronic Components Datasheet Search |
|
HT66F20 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F20 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc |
|
5 / 259 page ![]() Enhanced Type TM - ETM ...............................................................120 Enhanced TM Operation ....................................................................................120 Enhanced Type TM Register Description............................................................121 Enhanced Type TM Operating Modes ................................................................126 Compare Output Mode .......................................................................................126 Timer/Counter Mode...........................................................................................131 PWM Output Mode.............................................................................................131 Single Pulse Output Mode ..................................................................................136 Capture Input Mode............................................................................................138 Analog to Digital Converter............................................................140 A/D Overview .....................................................................................................140 A/D Converter Register Description ....................................................................140 A/D Converter Data Registers - ADRL, ADRH....................................................141 A/D Converter Control Registers - ADCR0, ADCR1, ACERL, ACERH ...............141 A/D Operation.....................................................................................................146 A/D Input Pins ....................................................................................................146 Summary of A/D Conversion Steps ....................................................................147 Programming Considerations .............................................................................148 A/D Transfer Function.........................................................................................148 A/D Programming Example ................................................................................148 Comparators ....................................................................................150 Comparator Operation........................................................................................150 Comparator Registers ........................................................................................150 Comparator Interrupt ..........................................................................................150 Programming Considerations .............................................................................150 Serial Interface Module - SIM .........................................................153 SPI Interface.......................................................................................................153 SPI Registers .....................................................................................................154 SPI Communication............................................................................................157 I 2C Interface .......................................................................................................159 I 2C Bus Communication......................................................................................163 I 2C Bus Start Signal............................................................................................163 Slave Address ....................................................................................................163 I 2C Bus Read/Write Signal..................................................................................163 I 2C Bus Slave Address Acknowledge Signal.......................................................163 I 2C Bus Data and Acknowledge Signal ...............................................................164 Peripheral Clock Output .................................................................166 Peripheral Clock Operation.................................................................................166 Contents Rev. 1.50 5 March 15, 2011 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |