Electronic Components Datasheet Search
  English  ▼

X  

HT66F40 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT66F40 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 259 page
background image
Interrupts..........................................................................................167
Interrupt Registers ..............................................................................................167
Interrupt Operation .............................................................................................179
External Interrupt ................................................................................................183
Comparator Interrupt ..........................................................................................183
Multi-function Interrupt ........................................................................................183
A/D Converter Interrupt.......................................................................................183
Time Base Interrupts ..........................................................................................183
Serial Interface Module Interrupt.........................................................................185
External Peripheral Interrupt ...............................................................................185
EEPROM Interrupt .............................................................................................185
LVD Interrupt ......................................................................................................185
TM Interrupts ......................................................................................................186
Interrupt Wake-up Function ................................................................................186
Programming Considerations .............................................................................186
Power Down Mode and Wake-up ...................................................187
Entering the IDLE or SLEEP Mode .....................................................................187
Standby Current Considerations.........................................................................187
Wake-up .............................................................................................................187
Low Voltage Detector - LVD............................................................188
LVD Register ......................................................................................................188
LVD Operation....................................................................................................189
SCOM Function for LCD .................................................................189
LCD Operation ...................................................................................................189
LCD Bias Control................................................................................................189
Configuration Options ....................................................................192
Application Circuits ........................................................................193
UART Module Serial Interface ........................................................194
UART Module Features ......................................................................................194
UART Module Overview..................................................................194
UART Module Block Diagram.........................................................194
Pin Assignment ...............................................................................195
UART Module Pin Description .......................................................197
UART Module D.C. Characteristics................................................197
UART Module A.C. Characteristics................................................198
UART Module Functional Description...........................................199
UART Module Internal Signal .............................................................................199
Contents
Rev. 1.50
6
March 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com