Electronic Components Datasheet Search
  English  ▼

X  

3DD2901 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD2901
Description  CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD2901 FOR LOW FREQUENCY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD2901 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD2901 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD2901 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD2901 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD2901 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD2901 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD2901 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
3DD2901
版本:200911E
4/6
VCE(V)
VBE(V)
Tc(℃)
IC - VBE
SOA
PC-TC
CURVES
MUST
BE
DERATED
LINEARLY
WITH
INCREASE
IN
TEMPERATURE
TC=25℃
DC
INFINITE HEAT SINK
COMMON
EMITTER
VCE=5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com