Electronic Components Datasheet Search
  English  ▼

X  

3DD4121DM Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD4121DM
Description  MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD4121DM Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD4121DM Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4121DM Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4121DM Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4121DM Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4121DM Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD4121DM Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
200910C
1/6
NPN 型中压功率开关晶体管
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D4121DT
D4121DM
3DD4121DT、3DD4121DM
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
3DD4121DT-O-T-N-C
4121DT
否
NO
TO-92
袋装
Bag
3DD4121DM-O-M-N-C
4121DM
否
NO
TO-126
袋装
Bag
主要参数
MAIN CHARACTERISTICS
IC
1.5A
VCEO
200V
PC(D4121DT)
1W
PC(D4121DM)
20W
封装
Package
用途
节能灯
电子镇流器
电子变压器
一般功率放大电路
APPLICATIONS
Energy-saving ligh
Electronic ballasts
Electronic transformer
Commonly
power
amplifier
circuit
产品特性
中耐压
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
Middling
breakdown
voltage
High current capability
High switching speed
High reliability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - 3DD4121DM

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4120PL JSMC-3DD4120PL Datasheet
625Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4120PL-O-M-N-C JSMC-3DD4120PL-O-M-N-C Datasheet
625Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4120PL-O-T-N-C JSMC-3DD4120PL-O-T-N-C Datasheet
625Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4123DM JSMC-3DD4123DM Datasheet
639Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4123DM-O-M-N-C JSMC-3DD4123DM-O-M-N-C Datasheet
639Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - 3DD4121DM

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD4110PL JSMC-3DD4110PL Datasheet
583Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4120PL JSMC-3DD4120PL Datasheet
625Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4123DT JSMC-3DD4123DT Datasheet
639Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4124DL JSMC-3DD4124DL Datasheet
530Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4124PL JSMC-3DD4124PL Datasheet
502Kb / 6P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4130PL JSMC-3DD4130PL Datasheet
507Kb / 5P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Unisonic Technologies
4124D UTC-4124D Datasheet
134Kb / 3P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
4126D UTC-4126D Datasheet
153Kb / 3P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
4128D UTC-4128D_15 Datasheet
105Kb / 3P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
3DD13003V1D JSMC-3DD13003V1D Datasheet
197Kb / 3P
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com