Electronic Components Datasheet Search
  English  ▼

X  

HT68F13 Datasheet(PDF) 54 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 55Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 56Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 57Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 161 page
background image
PCPU Register
- HT68F15
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
I/OPortCbit7~bit0pull-highcontrol
0:disable
1:enable
PDPU Register
- HT68F14,HT68F15
Bit
7
6
5
4
3
2
1
0
Name
¾
¾
¾
¾
¾
¾
D1
D0
R/W
¾
¾
¾
¾
¾
¾
R/W
R/W
POR
¾
¾
¾
¾
¾
¾
0
0
Bit7~2
²¾² Unimplemented,readas ²0²
Bit1~0
I/OPortDbit1~bit0pull-highcontrol
0:disable
1:enable
PortAWake-up
The HALT instruction forces the microcontroller into the SLEEP or IDLE Mode which preserves
power, a feature that is important for battery and other low-power applications. Various methods exist
to wake-up the microcontroller, one of which is to change the logic condition on one of the Port A pins
from high to low. This function is especially suitable for applications that can be woken up via external
switches. Each pin on Port A can be selected individually to have this wake-up feature using the
PAWU register.
PAWU Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAWU:PortA bit7~bit0wake-upcontrol
0:disable
1:enable
I/OPortControlRegisters
Each I/O port has its own control register known as PAC~PDC, to control the input/output
configuration. With this control register, each CMOS output or input can be reconfigured dynamically
under software control. Each pin of the I/O ports is directly mapped to a bit in its associated port
control register. For the I/O pin to function as an input, the corresponding bit of the control register
must be written as 1. This will then allow the logic state of the input pin to be directly read by
instructions. When the corresponding bit of the control register is written as 0, the I/O pin will be setup
as a CMOS output. If the pin is currently setup as an output, instructions can still be used to read the
output register. However, it should be noted that the program will in fact only read the status of the
output data latch and not the actual logic status of the output pin.
Rev.1.10
54
February9,2011
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashType MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com