Electronic Components Datasheet Search
  English  ▼

X  

HT68F13 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 102Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 161 page
background image
As the TPnA and TPnB_0, TPnB_1, TPnB_2 pins are pin shared with other functions, care must be
taken if the TM is in the Capture Input Mode. This is because if the pin is setup as an output, then any
transitions on this pin may cause an input capture operation to be executed. The TnCCLR, TnAOC,
TnBOC, TnAPOL and TnBPOL bits are not used in this mode.
HT68F13/HT68F14/HT68F15
Enhanced I/O Flash Type MCU
Rev. 1.10
106
February 9, 2011
Counter Value
YY
CCRP
TnON
TnPAU
CCRP Int.
Flag TnPF
CCRB Int.
Flag TnBF
CCRB
Value
Time
Counter cleared
by CCRP
Pause
Resume
Counter
Reset
TnBM [1:0] = 01
TM capture
pin TPnB_x
XX
Counter
Stop
TnBIO [1:0]
Value
XX
YY
XX
YY
Active
edge
Active
edge
Active edge
00
Rising edge
01
Falling edge
10
Both edges
11
Disable Capture
ETM CCRB Capture Input Mode
Note:
1. TnBM [1:0] = 01 and active edge set by the TnBIO [1:0] bits
2. The TM Capture input pin active edge transfers the counter value to CCRB
3. TnCCLR bit not used
4. No output function -- TnBOC and TnBPOL bits not used
5. CCRP determines the counter value and the counter has a maximum count value when CCRP
is equal to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com