Electronic Components Datasheet Search
  English  ▼

X  

HT68F13 Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 115Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 161 page
background image
MFI1Register
- HT68F15
Bit
7
6
5
4
3
2
1
0
Name
¾
T1BF
T1AF
T1PF
¾
T1BE
T1AE
T1PE
R/W
¾
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
¾
0
0
0
¾
0
0
0
Bit7
unimplemented,readas
²0²
Bit6
T1BF:TM1 Comparator BmatchInterruptrequestflag
0:norequest
1:interruptrequest
Bit5
T1AF:TM1 Comparator A matchinterruptrequestflag
0:norequest
1:interruptrequest
Bit4
T1PF:TM1 Comparator P matchinterruptrequestflag
0:norequest
1:interruptrequest
Bit3
unimplemented,readas
²0²
Bit2
T1BE:TM1 Comparator Bmatchinterruptcontrol
0:disable
1:enable
Bit1
T1AE:TM1 Comparator A matchinterruptcontrol
0:disable
1:enable
Bit0
T1PE:TM1 Comparator P matchinterruptcontrol
0:disable
1:enable
InterruptOperation
When the conditions for an interrupt event occur, such as a TM Comparator P, Comparator A or
Comparator B match, etc., the relevant interrupt request flag will be set. Whether the request flag
actually generates a program jump to the relevant interrupt vector is determined by the condition of the
interrupt enable bit. If the enable bit is set high then the program will jump to its relevant vector; if the
enable bit is zero then although the interrupt request flag is set an actual interrupt will not be generated
and the program will not jump to the relevant interrupt vector. The global interrupt enable bit, if cleared
to zero, will disable all interrupts.
When an interrupt is generated, the Program Counter, which stores the address of the next instruction
to be executed, will be transferred onto the stack. The Program Counter will then be loaded with a new
address which will be the value of the corresponding interrupt vector. The microcontroller will then
fetch its next instruction from this interrupt vector. The instruction at this vector will usually be a
²JMP² which will jump to another section of program which is known as the interrupt service routine.
Here is located the code to control the appropriate interrupt. The interrupt service routine must be
terminated with a
²RETI², which retrieves the original Program Counter address from the stack and
allows the microcontroller to continue with normal execution at the point where the interrupt occurred.
The various interrupt enable bits, together with their associated request flags, are shown in the
accompanying diagrams with their order of priority. Some interrupt sources have their own individual
vector while others share the same multi-function interrupt vector. Once an interrupt subroutine is
serviced, all the other interrupts will be blocked, as the global interrupt enable bit, EMI bit will be
cleared automatically. This will prevent any further interrupt nesting from occurring. However, if other
interrupt requests occur during this interval, although the interrupt will not be immediately serviced,
the request flag will still be recorded.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
Rev.1.10
112
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com