Electronic Components Datasheet Search
  English  ▼

X  

HT68F13 Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 116Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 117Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 118Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 119Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 120Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 121Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 161 page
background image
LVD Operation
The Low Voltage Detector function operates by comparing the power supply voltage, VDD, with a
pre-specified voltage level stored in the LVDC register. This has a range of between 2.0V and 4.4V.
When the power supply voltage, VDD, falls below this pre-determined value, the LVDO bit will be set
high indicating a low power supply voltage condition. The Low Voltage Detector function is supplied
by a reference voltage which will be automatically enabled. When the device is powered down the low
voltage detector will remain active if the LVDEN bit is high. After enabling the Low Voltage Detector,
a time delay tLVDS should be allowed for the circuitry to stabilise before reading the LVDO bit. Note also
that as the VDD voltage may rise and fall rather slowly, at the voltage nears that of VLVD, there may be
multiple bit LVDO transitions.
The Low Voltage Detector also has its own interrupt which is contained within one of the
Multi-function interrupts, providing an alternative means of low voltage detection, in addition to
polling the LVDO bit. The interrupt will only be generated after a delay of tLVD after the LVDO bit has
been set high by a low voltage condition. When the device is powered down the Low Voltage Detector
will remain active if the LVDEN bit is high. In this case, the LVF interrupt request flag will be set,
causing an interrupt to be generated if VDD falls below the preset LVD voltage. This will cause the
device to wake-up from the SLEEP or IDLE Mode, however if the Low Voltage Detector wake up
function is not required then the LVF flag should be first set high before the device enters the SLEEP or
IDLE Mode.
SCOM FunctionforLCD
The devices have the capability of driving external LCD panels. The common pins for LCD driving,
SCOM0~ SCOM3, are pin shared with certain pin on the PC0~PC1 and PB6 ~ PB7 pins. The LCD
signals (COM and SEG) are generated using the application program.
LCDOperation
An external LCD panel can be driven using this device by configuring the PC0~PC1 or PB6 ~ PB7
pins as common pins and using other output ports lines as segment pins. The LCD driver function is
controlled using the SCOMC register which in addition to controlling the overall on/off function also
controls the bias voltage setup function. This enables the LCD COM driver to generate the necessary
VDD/2 voltage levels for LCD 1/2 bias operation.
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
Rev.1.10
120
February9,2011
V D D
V L V D
L V D E N
L V D O
t L V D S
LVD Operation
V D D
S C O M 0 ~
S C O M 3
S C O M E N
C O M n E N
V D D / 2
S C O M o p e r a t i n g c u r r e n t
LCDCOMBias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com