| Electronic Components Datasheet Search |
|
HT68F13 Datasheet(PDF) 134 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F13 Datasheet(HTML) 134 Page - Holtek Semiconductor Inc |
|
134 / 161 page ![]() SIZ [m] SkipifincrementDataMemoryis0 Description The contents of the specified Data Memory are first incremented by 1. If the result is 0, the following instruction is skipped. As this requires the insertion of a dummy instruc- tion while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 theprogramproceedswiththefollowinginstruction. Operation [m] ¬ [m]+1 Skipif[m]=0 Affected flag(s) None SIZA [m] SkipifincrementDataMemoryiszerowithresultin ACC Description The contents of the specified Data Memory are first incremented by 1. If the result is 0, the following instruction is skipped. The result is stored in the Accumulator but the spec- ified Data Memory contents remain unchanged. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If theresultisnot0theprogramproceedswiththefollowinginstruction. Operation ACC ¬ [m]+1 Skipif ACC =0 Affected flag(s) None SNZ [m].i Skipifbit i ofDataMemoryisnot0 Description If bit i of the specified Data Memory is not 0, the following instruction is skipped. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is 0 the program proceeds with the following instruc- tion. Operation Skipif[m].i ¹ 0 Affected flag(s) None SUB A,[m] SubtractDataMemoryfrom ACC Description The specified Data Memory is subtracted from the contents of the Accumulator. The re- sult is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. Operation ACC ¬ ACC - [m] Affected flag(s) OV,Z,AC,C SUBM A,[m] SubtractDataMemoryfrom ACC withresultinDataMemory Description The specified Data Memory is subtracted from the contents of the Accumulator. The re- sult is stored in the Data Memory. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. Operation [m] ¬ ACC - [m] Affected flag(s) OV,Z,AC,C SUB A,x Subtractimmediatedatafrom ACC Description The immediate data specified by the code is subtracted from the contents of the Accumu- lator. The result is stored in the Accumulator. Note that if the result of subtraction is neg- ative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag willbesetto1. Operation ACC ¬ ACC - x Affected flag(s) OV,Z,AC,C HT68F13/HT68F14/HT68F15 EnhancedI/OFlashTypeMCU Rev.1.10 134 February9,2011 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |