Electronic Components Datasheet Search
  English  ▼

X  

HT68F13 Datasheet(PDF) 158 Page - Holtek Semiconductor Inc

Part # HT68F13
Description  Enhanced I/O Flash Type MCU
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F13 Datasheet(HTML) 158 Page - Holtek Semiconductor Inc

Back Button HT68F13 Datasheet HTML 153Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 154Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 155Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 156Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 157Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 158Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 159Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 160Page - Holtek Semiconductor Inc HT68F13 Datasheet HTML 161Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 158 / 161 page
background image
SOP28W(300mil)
Symbol
Description
Dimensionsinmm
W
CarrierTapeWidth
24.0
±0.3
P
CavityPitch
12.0
±0.1
E
PerforationPosition
1.75
±0.10
F
CavitytoPerforation(WidthDirection)
11.5
±0.1
D
PerforationDiameter
1.5
+0.1/-0.0
D1
CavityHoleDiameter
1.50
+0.25/-0.00
P0
PerforationPitch
4.0
±0.1
P1
CavitytoPerforation(LengthDirection)
2.0
±0.1
A0
CavityLength
10.85
±0.10
B0
CavityWidth
18.34
±0.10
K0
CavityDepth
2.97
±0.10
t
CarrierTapeThickness
0.35
±0.01
C
CoverTapeWidth
21.3
±0.1
SSOP 16S
Symbol
Description
Dimensionsinmm
W
CarrierTapeWidth
12.0
+0.3/-0.1
P
CavityPitch
8.0
±0.1
E
PerforationPosition
1.75
±0.10
F
CavitytoPerforation(WidthDirection)
5.5
±0.1
D
PerforationDiameter
1.55
±0.10
D1
CavityHoleDiameter
1.50
+0.25/-0.00
P0
PerforationPitch
4.0
±0.1
P1
CavitytoPerforation(LengthDirection)
2.0
±0.1
A0
CavityLength
6.4
±0.1
B0
CavityWidth
5.2
±0.1
K0
CavityDepth
2.1
±0.1
t
CarrierTapeThickness
0.30
±0.05
C
CoverTapeWidth
9.3
±0.1
HT68F13/HT68F14/HT68F15
EnhancedI/OFlashTypeMCU
Rev.1.10
158
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com