Electronic Components Datasheet Search
  English  ▼

X  

TFS150T Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS150T
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS150T Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS150T Datasheet HTML 1Page - Vectron International, Inc TFS150T Datasheet HTML 2Page - Vectron International, Inc TFS150T Datasheet HTML 3Page - Vectron International, Inc TFS150T Datasheet HTML 4Page - Vectron International, Inc TFS150T Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 150t.doc
Version 1.2
20.09.2005
VI TELEFILTER
Filter specification
TFS 150T
1/5
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
55 Ω || -21,9 pF
Output:
55 Ω || -17,7 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS150T is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB
filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the reference frequency fc and the
frequency response of the filter in the operating temperature range. The bandwidth shift of the filter in the operating temperature range is included in the
production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
24,1
dB
max.
25
dB
(reference level)
Nominal frequency
fN
-
150,0
MHz
Centre frequency
fC
150,0
MHz
150,0
± 0,1
MHz
Passband
PB
-
fN
±
8,05 MHz
Pass band ripple (p-p)
0,7
dB
max.
1,0
dB
Bandwidth
BW
3
dB
16,62
MHz
min.
16,5
MHz
15
dB
17,11
MHz
max.
17,2
MHz
45
dB
17,54
MHz
max.
18,4
MHz
Relative attenuation
arel
fC
… fC ±
8,25
MHz
2,5
dB
max.
3
dB
fC ±
8,60
MHz … fC ±
8,80
MHz
20
dB
min.
15
dB
fC ±
8,80
MHz … fC ±
9,20
MHz
35
dB
min.
30
dB
fC ±
9,20
MHz … fC ±
10
MHz
48
dB
min.
45
dB
fC +
10
MHz … fC +
400
MHz
53
dB
min.
50
dB
fC -
140
MHz … fC -
10
MHz
55
dB
min.
50
dB
Absolute group delay within PB
2,8
µs
max.
4
µs
Group delay ripple within PB (p-p)
80
ns
max.
150
ns
Operating temperature range
OTR
-
- 25 °C ... + 80°C
Storage temperature range
-
- 40 °C ... + 85°C
Temperature coefficient of frequency
TCf **
-87
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆fc(Hz) = Tcf(ppm/K) x (T - TA) x fCAT (MHz)
Generated:
Checked / Approved:
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS150T

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS150 VECTRON-TFS150 Datasheet
173Kb / 5P
Filter specification
TFS150AB VECTRON-TFS150AB Datasheet
197Kb / 5P
Filter specification
TFS150AH VECTRON-TFS150AH Datasheet
192Kb / 5P
Filter specification
TFS150AL VECTRON-TFS150AL Datasheet
154Kb / 5P
Filter specification
TFS150AR VECTRON-TFS150AR Datasheet
87Kb / 5P
Filter specification
More results

Similar Description - TFS150T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com