Electronic Components Datasheet Search
  English  ▼

X  

HT82B40R Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82B40R
Description  I/O MCU with USB Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40R Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82B40R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B40R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
HT82B40R/HT82B40A
I/O MCU with USB Interface
Rev. 1.50
1
February 17, 2011
General Description
The HT82B40R and HT82B40A are 8-bit high perfor-
mance, RISC architecture microcontroller devices spe-
cifically designed for multiple I/O control product
applications.
The advantages of low power consumption, I/O flexibility,
timer functions, integrated USB interface, Power Down
and wake-up functions, Watchdog timer etc, make the
devices extremely suitable for use in computer peripheral
product applications as well as many other applications
such as industrial control, consumer products, subsys-
tem controllers, etc.
The HT82B40A mask version type is fully pin and func-
tionally compatible with the HT82B40R OTP version de-
vice.
Features
· Operating voltage:
fSYS=6M/12MHz: 3.3V~5.5V
· Low voltage reset function
· 34 bidirectional I/O lines (max.)
· 8-bit programmable timer/event counter with
overflow interrupt
· 16-bit programmable timer/event counter with
overflow interrupt
· Watchdog Timer
· PS2 and USB modes supported
· USB 2.0 low speed function
· 3 endpoints supported - endpoint 0 included
· 4096´15 program memory
· 160´8 data memory RAM
· Integrated 1.5kW resistor between V33O and
USBPDN pins for USB applications
· Fully integrated 6MHz or 12MHz oscillator
· All I/O pins have wake-up functions
· Power-down function and wake-up feature reduce
power consumption
· 8-level subroutine nesting
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Bit manipulation instruction
· 15-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· 20/28/48-pin SSOP, 20/32-pin QFN and
48-pin LQFP packages
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT82B40R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
I/O MCU with USB Interface
September 4, 2009
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
I/O 8-Bit MCU with USB Interface
November 5, 2014
More results

Similar Description - HT82B40R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
I/O MCU with USB Interface
September 4, 2009
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
I/O Type USB 8-Bit OTP MCU with SPI
January 14, 2011
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
I/O MCU with USB Interface
October 27, 2011
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
I/O MCU with USB Interface
February 1, 2011
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
I/O Type USB 8-Bit OTP MCU with SPI
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
I/O Flash USB 8-Bit MCU with SPI
June 10, 2013
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
I/O Type USB 8-Bit OTP MCU with SPI
March 11, 2016
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
I/O 8-Bit MCU with USB Interface
November 5, 2014
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
I/O MCU with USB Interface
November 05, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com