Electronic Components Datasheet Search
  English  ▼

X  

HT82B40A Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT82B40A
Description  I/O MCU with USB Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B40A Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82B40A Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B40A Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Application Circuits
Note:
The resistance and capacitance for the reset circuit should be designed in such a way as to ensure that the
VDD is stable and remains within a valid operating voltage range before bringing RES high.
Components with * are used for EMC issue.
HT82B40R/HT82B40A
Rev. 1.50
35
February 17, 2011
U S B P D P / C L K
U S B P D N / D A T A
V 3 3 O
V D D
U S B -
U S B +
V S S
0 . 1 m F
V D D
R E S
V S S
0 . 1 m F
1 0 0 k W
1 0 m F
0 . 1 m F
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
P E 0 ~ P E 1
1 0 k W
H T 8 2 B 4 0 R / H T 8 2 B 4 0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com