Electronic Components Datasheet Search
  English  ▼

X  

HT1382 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1382 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
· Real Time Clock/Calendar Functions
- Includes: Sec, Minutes, Hours, Day, Date, Month, and year in BCD format
· Clock operating voltage: 2.0V~5.5V
· Supply voltage V
DD=2.7V~5.5V
· Automatic leap year correction, valid until year 2099
· Automatic supply switch over
· Integrated oscillator load capacitors - CL=12.5pF
· Clock compensation
· Programmable alarm and interrupt function
· 15 selectable frequency outputs
· 4 Bytes EEPROM for user
· Serial commutation via I2C or 3-wire interface
· 8-pin DIP, SOP and MSOP package for I2C interface
· 10-pin MSOP package for 3-wire interface
Applications
· Utility meters
· Consumer electronics
· Portable equipment
· Wireless equipment
· POS equipment
· Computer products
· Other industrial/Medical/Automotive applications
General Description
The HT1382 is a low power real time clock device with two serial interface: I
2C or 3-wire. The
interface mode is selected by the chosen chip version. The device provides both clock and calendar
information in BCD format and also includes alarm functions. The calendar is accurate until the year
2099 and includes automatic leap year correction.
An external 32768Hz crystal is used as the device oscillator for device timing for which is provided an
integrated crystal load capacitance of 12.5pF. The device includes a crystal oscillator temperature
compensation function and internal power control circuitry detects power failures and automatically
switches to the battery supply when a power failure occurs.
HT1382
I2C/3-Wire Real Time Clock
Rev. 1.20
1
March 8, 2011


Similar Part No. - HT1382

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1382 HOLTEK-HT1382 Datasheet
306Kb / 29P
I2C/3-Wire Real Time Clock
May 27, 2011
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
I2C/3-Wire Real Time Clock
May 27, 2011
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
I2C/3-Wire Real Time Clock
July 24, 2014
More results

Similar Description - HT1382

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Seiko Instruments Inc
S-35190A SII-S-35190A Datasheet
783Kb / 53P
3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
3-WIRE REAL-TIME CLOCK
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
3-WIRE REAL-TIME CLOCK
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Holtek Semiconductor In...
HT1382_1105 HOLTEK-HT1382_1105 Datasheet
306Kb / 29P
I2C/3-Wire Real Time Clock
May 27, 2011
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
logo
Holtek Semiconductor In...
HT1382 HOLTEK-HT1382_14 Datasheet
1Mb / 23P
I2C/3-Wire Real Time Clock
July 24, 2014
logo
Seiko Instruments Inc
S35192A SII-S35192A Datasheet
2Mb / 42P
3-WIRE REAL-TIME CLOCK
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com