Electronic Components Datasheet Search
  English  ▼

X  

SBL1040 Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL1040
Description  SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL1040 Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL1040 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1040 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
SBL1040
版本(Rev.):201004A
5/6
外形尺寸 PACKAGE MECHANICAL DATA
TO-220HF
单位 Unit :mm
E
φP
A
F
c
Q1
e
e
b
B1
符
号
Symbol
Min
Max
A
4.0
5.0
B1
0.87
1.27
b
0.72
0.92
c
0.5
0.70
D
15.0
16.5
D2
7.8
9.4
E
9.62
10.62
e
2.54(typ)
F
2.3
3.3
L
12.0
14.0
L2
3.1
3.5
ΦP
3.0
3.4
Q
3.15
3.55
Q1
2.2
2.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com