Electronic Components Datasheet Search
  English  ▼

X  

SBL1640F Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL1640F
Description  SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL1640F Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL1640F Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1640F Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1640F Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1640F Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1640F Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL1640F Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本(Rev.):2009
11C
1/6
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBL1640
主要参数
MAIN
CHARACTERISTICS
IF(AV)
16(2×8)A
VRRM
40 V
Tj
150 ℃
VF(max)
0.48V (@Tj=125℃)
封装 Package
用途
高频开关电源
低压续流电路和保护电
路
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(
RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OF
订货信息 ORDER MESSAGE
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
SBL1640Z
SBL1640
TO-220
否
NO
条管
Tube
1.98 g(typ)
SBL1640ZR
SBL1640
TO-220
是
YES
条管
Tube
1.98 g(typ)
SBL1640F
SBL1640
TO-220F
否
NO
条管
Tube
1.70 g(typ)
SBL1640FR
SBL1640
TO-220F
是
YES
条管
Tube
1.70 g(typ)


Similar Part No. - SBL1640F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1640 DIODES-SBL1640 Datasheet
66Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
SBL1640 DIODES-SBL1640 Datasheet
75Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
SBL1640 BILIN-SBL1640 Datasheet
228Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu Changjiang Elec...
SBL1640 JIANGSU-SBL1640 Datasheet
286Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Inchange Semiconductor ...
SBL1640 ISC-SBL1640 Datasheet
275Kb / 2P
Schottky Rectifier
More results

Similar Description - SBL1640F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com