Electronic Components Datasheet Search
  English  ▼

X  

4243DT Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 4243DT
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

4243DT Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  4243DT Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4243DT Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4243DT Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4243DT Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4243DT Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4243DT Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 4243DT Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
R
3DD4243D(T/I/M/Z)
版本:201003A
6/7
外形尺寸 PACKAGE MECHANICAL DATA
TO-220
单位 Unit :mm
符号
尺寸(mm)
A
4.4-4.8
B1
1.1-1.4
b
0.7-0.95
c
0.3-0.55
D
14.45-16.0
D2
8.2-9.2
E
9.6-10.4
e
2.54(typ)
F
1.2-1.35
L
13.05-14.05
L2
3.7-3.9
P
3.5-4.0
Q
2.4-3.0
Q1
2.2-2.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com