Electronic Components Datasheet Search
  English  ▼

X  

AL9910 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL9910
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL9910 Datasheet HTML 6Page - Diodes Incorporated AL9910 Datasheet HTML 7Page - Diodes Incorporated AL9910 Datasheet HTML 8Page - Diodes Incorporated AL9910 Datasheet HTML 9Page - Diodes Incorporated AL9910 Datasheet HTML 10Page - Diodes Incorporated AL9910 Datasheet HTML 11Page - Diodes Incorporated AL9910 Datasheet HTML 12Page - Diodes Incorporated AL9910 Datasheet HTML 13Page - Diodes Incorporated AL9910 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AL9910/AL9910A
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A
Document number: DS 35103 Rev. 2 - 2
11 of 14
www.diodes.com
March 2011
© Diodes Incorporated
Applications Information (Continued)
DC-DC Buck LED driver
The design procedure for an ac input buck LED driver outlined in the previous chapters equally applies DC input LED drivers.
When driving long LED chains care should be taken not to induce SBO – maximum LED chain voltage should be less half of
VIN. So either maximum duty cycle should be kept below 50% or use of constant off-time removes this issue.
DC-DC Boost LED driver
Due to the topology of the AL9910 LED driver-controller it is capable of being used in boost configurations – at reduced
accuracy. The accuracy can be improved by measuring the LED current with an op amp and use the op amp’s output to drive
the LD pin.
A Boost LED driver is used when the forward voltage drop of the LED string is higher than the input supply voltage. For
example, the Boost topology can be appropriate when input voltage is supplied by a 48V power supply and the LED string
consists of twenty HB LEDs, as the case may be for a street light.
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
Q1
L1
D1
C1
R
OSC
C2
C3
V
IN
Figure 5. Boost LED driver
In a Boost converter, when the external MOSFET is ON the energy is stored in the inductor which is then delivered to the
output when the external MOSFET switches OFF. If the energy stored in the inductor is not fully depleted by the next
switching cycle (continuous conduction mode) the DC conversion between input and output voltage is given by:
D
1
V
V
IN
OUT
−
=
OUT
IN
OUT
V
V
V
D
−
=
From the switching frequency, fOSC, the on-time of the MOSFET can be calculated:
OSC
ON
f
D
t
=
From this the required inductor value can be determined by:
LED
ON
IN
I
3
.
0
t
V
L
∗
∗
=
The Boost topology LED driver requires an output capacitor to deliver current to the LED string during the time that the
external MOSFET is on.
In boost LED driver topologies if the LEDs should become open circuit damage may occur to the power switch and so some
form of detection should be present to provide Over-voltage detection/protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com