Electronic Components Datasheet Search
  English  ▼

X  

AP8800A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP8800A
Description  COST EFFECTIVE 28V BUCK 1-W LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP8800A Datasheet HTML 1Page - Diodes Incorporated AP8800A Datasheet HTML 2Page - Diodes Incorporated AP8800A Datasheet HTML 3Page - Diodes Incorporated AP8800A Datasheet HTML 4Page - Diodes Incorporated AP8800A Datasheet HTML 5Page - Diodes Incorporated AP8800A Datasheet HTML 6Page - Diodes Incorporated AP8800A Datasheet HTML 7Page - Diodes Incorporated AP8800A Datasheet HTML 8Page - Diodes Incorporated AP8800A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP8800A
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
AP8800A
Document number: DS35100 Rev. 2 - 2
2 of 12
www.diodes.com
January 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin Number
Descriptions
SW
1
Switch Pin. Connect inductor/freewheeling diode here, minimizing track length at this pin to
reduce EMI.
GND
2
GND Pin
CTRL
3
Dimming and On/Off Control Input.
• Input voltage of 0.2V or lower forces the device into low current standby mode and shuts
off the output. An open-drain/collector PWM signal allows the output current to be adjusted
below the level set by the resistor connected to SET input pin.
• The input impedance is about 50kΩ, and if the pin is left open V
CTRL = VREF.
• Drive with DC voltage (0.3V < V
CTRL < 2.5V) to adjust output current from 24% to 200% of
IOUTnom
SET
4
Set Nominal Output Current Pin.
Configures the output current of the device.
VIN
5
Input Supply Pin. Must be locally decoupled to GND with > 2.2µF X7R ceramic capacitor – see
applications section for more information.
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VIN
Continuous VIN pin voltage relative to GND
-0.3~30
V
VSET
Set voltage relative to VIN
VIN -5 ~ VIN +0.3
V
VSW
SW voltage relative to GND
-0.3~30
V
VCTRL
CTRL pin input voltage
-0.3 ~ 5
V
ISW
Switch current
0.45
A
TJ
Junction Temperature
105
°C
TLEAD
Lead Temperature Soldering
300
°C
TST
Storage Temperature Range
-55 to +150
°C
Caution:
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any condition.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Operating Input Voltage relative to GND
8.0
28
V
VCTRLDC
Voltage range for 24% to 200% DC dimming relative to GND
0.3
2.5
V
VCTRLL
Voltage Low for PWM dimming relative to GND
0.2
V
ISW
Continuous average switch current (Note 2)
370
mA
DPWM
Duty cycle range applied to CTRL (f < 500Hz)
0.01
1
fSW
Switching frequency
600
kHz
TA
Ambient Temperature Range
-40
105
°C
Notes:
2. Refer to figure 4 for the device derating curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com