Electronic Components Datasheet Search
  English  ▼

X  

JCS7N60FA Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS7N60FA
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS7N60FA Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS7N60FA Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N60FA Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
JCS7N60FA
版本:201003A
2/8
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature
数
值
Value
项
目
Parameter
符
号
Symbol
JCS7N60FA
单
位
Unit
最高漏极-源极直流电压
Drain-Source Voltage
VDSS
600
V
7.0*
A
连续漏极电流
Drain Current
-continuous
ID
T=25℃
T=100℃
4.4*
A
最大脉冲漏极电流(注 1)
Drain Current - pulse
(
note 1)
IDM
28*
A
最高栅源电压
Gate-Source Voltage
VGSS
±30
V
单脉冲雪崩能量(注 2)
Single Pulsed Avalanche Energy(note 2)
EAS
420
mJ
雪崩电流(注 1)
Avalanche Current(note 1)
IAR
7.0
A
重复雪崩能量(注 1)
Repetitive Avalanche Current(note 1)
EAR
14.7
mJ
二极管反向恢复最大电压变化速率(注 3)
Peak Diode Recovery dv/dt(note 3)
dv/dt
5.5
V/ns
48
W
耗散功率
Power Dissipation
PD
TC=25℃
-Derate
above
25℃
0.38
W/℃
最高结温及存储温度
Operating and Storage Temperature
Range
TJ,TSTG
-55~+150
℃
引线最高焊接温度
Maximum
Lead
Temperature
for
Soldering Purposes
TL
300
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com