Electronic Components Datasheet Search
  English  ▼

X  

JCS12N60T Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS12N60T
Description  N-CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS12N60T Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS12N60T Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60T Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R
JCS12N60T
版本:201010C
4/10
电特性
ELECTRICAL CHARACTERISTICS
热特性
THERMAL CHARACTERISTIC
开关特性
Switching Characteristics
延迟时间
Turn-On delay time
td(on)
-
78 102
ns
上升时间
Turn-On rise time
tr
-
133 175
ns
延迟时间
Turn-Off delay time
td(off)
-
233 305
ns
下降时间
Turn-Off Fall time
tf
VDD=300V,ID=12A,RG=25Ω
(
note 4,5)
-
104 160
ns
栅极电荷总量
Total Gate Charge
Qg
-
39
52
nC
栅-源电荷
Gate-Source charge
Qgs
-
8.5
-
nC
栅-漏电荷
Gate-Drain charge
Qgd
VDS =480V ,
ID=12A
VGS =10V
(
note 4,5)
-
20
-
nC
漏-源二极管特性及最大额定值
Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
12
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
48
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=12A
-
-
1.39
V
反向恢复时间
Reverse recovery time
trr
-
418
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
VGS=0V, IS=12A
dIF/dt=100A/μs
(note 4)
-
4.85
-
μC
最大
Max
项
目
Parameter
符
号
Symbol
JCS12N60CT
JCS12N60FT
单
位
Unit
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
0.5
2.45
℃
/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
62.5
62.5
℃
/W
注释:
1 脉冲宽度由最高结温限制
2:L=11.2mH, IAS=12A, VDD=50V, RG=25 Ω,起始结
温
TJ=25℃
3:ISD ≤12A,di/dt ≤300A/μs,VDD≤BVDSS,起始结温
TJ=25℃
4:脉冲测试:脉冲宽度≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction
temperature
2:L=11.2mH, IAS=12A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3:ISD ≤12A,di/dt ≤300A/μs,VDD≤BVDSS, Starting
TJ=25℃
4:Pulse Test:Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com