Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1107 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXCT1107 Datasheet HTML 9Page - Diodes Incorporated ZXCT1107 Datasheet HTML 10Page - Diodes Incorporated ZXCT1107 Datasheet HTML 11Page - Diodes Incorporated ZXCT1107 Datasheet HTML 12Page - Diodes Incorporated ZXCT1107 Datasheet HTML 13Page - Diodes Incorporated ZXCT1107 Datasheet HTML 14Page - Diodes Incorporated ZXCT1107 Datasheet HTML 15Page - Diodes Incorporated ZXCT1107 Datasheet HTML 16Page - Diodes Incorporated ZXCT1107 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
14 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (cont.)
Figure 4. Protection and EMC Filtering
EMC Susceptibility
In many applications, the circuit is required to operate in the presence of RF radiation. This radiation is coupled into the
circuit via the supply or load connections and will often cause significant bias shift due to rectification within the integrated
circuit. The bias shift may lead to erroneous operation of the integrated circuit. In Figure 4, a low pass filter, RPROT and C1,
provides significant attenuation in the VHF and UHF regions. The value of C1 is recommended to be in the range of 10pF to
47pF, leadless ceramic type.
PCB Layout Considerations
It is necessary to take into account a small volt drop in the PCB copper and solder joints to RSENSE. Such volt drops can
create noticeable error at currents of the order of 1A and greater. The PCB must be designed to provide the maximum
possible copper carrying current via the sense resistor, and the traces from the S+ and S- pins must be connected only to the
resistor pads. In this way, the effect of the copper is minimized.
If used, the capacitor C1 should be placed very close the input pins S+ and S-.
Application: High Voltage Current Monitor
The schematic of Figure 5 shows how the current monitor may be used in a high voltage application such as a TV LED
backlight system. In this configuration the 500V PNP transistor Q1 drops a large proportion of the supply voltage. Diode D2
limits the differential input voltage to a safe level under overload conditions. The voltage across U1 is limited by the zener
diode D1. The output current of U1 is limited to about 3mA by the D2. As RGAIN is typically a few kΩ, the output voltage is
therefore limited to a few volts. An additional output clamping diode may be required for higher gains. R1 is chosen to
give a suitable bias current in D1 for the given supply voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com