Electronic Components Datasheet Search
  English  ▼

X  

EP13 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # EP13
Description  ADSL Line Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

EP13 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  EP13 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
23
ADSL - 4/99
Pri.
Sec.
Electrical Specifications at 25OC
EP13 Package
Available in Surface Mount
Add suffix "G" to part number
P/N
(EP13 Type)
T-1115
T-1116
T-1117
T-1118 T-1119
Units
Turns Ratio
+2%
1:2.24
1:1.2
1.8:1
1:1
1:1
(Pins 7-9 : 1-5)
Inductance+7%
0.36
1.25
5.83
1.8
0.37
mH
Device Side (Pri.)
LeakageInductance
13
13
20
20
11
µH
DC Resistance Pri.
0.3
1.2
8.0
1.0
2.2
Ω
DCResistance Sec.
0.8
1.3
1.3
1.3
1.8
Ω
Longitudinal
Balance (Min)
50
50
50
50
50
dB
Isolation (Min.)
1500
1500
1500
1500
1500
V
RMS
Pri.
Sec.
RS23X11 Package
Available in Surface Mount
Add suffix "G" to part number
(Refer to SMD package drawing page 23)
.100
(2.54)
MIN.
.920
(23.37)
MAX.
.470
(11.94)
MAX.
Terminal Dimensions
.020 (.051) X .040 (1.02) Typical.
.900
(22.86)
REF.
1.070
(27.18)
REF.
.040
(1.02)
TYP.
Termination Numbers for Reference Only.
10
9
8
7
1
2
3
4
5
6
.800
(20.32)
.150
(3.81)
TYP.
Bottom View
Schematic
RS23X11
Electrical Specifications at 25OC
Parameters
(RS2311 Type)
P/N T-726
P/N T-727
Units
Turns Ratio + 3%
1 : 1
1 : 0.714
Inductance + 5%
367
475
µH
Leakage Inductance max.
20
20
µH
InterwindingCapacitance
30
30
pF
Primary DC Resistance
0.85
1.6
Ω
SecondaryDC Resistance
1.0
3.8
Ω
Isolation (HI-POT)
3000
3000
V
RMS
Primary DC
80
80
mA
Schematic for EP13 Type
12
3
4
5
10
9
87
6
ADSL Transformers
Low Profile "Touch Tone" Design
Surface Mount Versions Available
ADSL
Line Interface
Transformers
For Designs using Globespan "CAP" Technology,
Please inquire for proper transformer selection
For Complete Details including
PDF Catalogs & Data Sheets on this
and other product families visit
www.rhombus-ind.com


Similar Part No. - EP13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP13 ETC2-EP13 Datasheet
24Kb / 1P
COUPLING TRANSFORMER SERIES EP
logo
Ecliptek Corporation
EP13 ECLIPTEK-EP13 Datasheet
115Kb / 2P
OSCILLATOR
logo
YUXIANG Magnetc materia...
EP13 YUXIANG-EP13 Datasheet
105Kb / 2P
EP Core
logo
Ferroxcube Internationa...
EP13 FERROXCUBE-EP13 Datasheet
84Kb / 8P
EP cores and accessories
logo
Pulse A Technitrol Comp...
EP13 PULSE-EP13 Datasheet
1Mb / 3P
POWER MAGNETICS
More results

Similar Description - EP13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT534-1 BOURNS-PT534-1 Datasheet
170Kb / 1P
ADSL Line Transformers
PT539-1 BOURNS-PT539-1 Datasheet
201Kb / 1P
ADSL Line Transformers
PT541-1 BOURNS-PT541-1 Datasheet
201Kb / 1P
ADSL Line Transformers
logo
Rhombus Industries Inc.
T-1115 RHOMBUS-IND-T-1115 Datasheet
35Kb / 1P
ADSL Line Interface Transformers
logo
Datatronic Distribution...
PT534-1 DATATRONICS-PT534-1 Datasheet
89Kb / 1P
ADSL Line Transformers
SM531-1 DATATRONICS-SM531-1 Datasheet
119Kb / 1P
ADSL Line Transformers
SM535-1 DATATRONICS-SM535-1 Datasheet
103Kb / 1P
ADSL Line Transformers
SM537-1 DATATRONICS-SM537-1 Datasheet
104Kb / 1P
ADSL Line Transformers
logo
Coilcraft lnc.
X8388-C COILCRAFT-X8388-C Datasheet
59Kb / 1P
ADSL Interface Transformers
logo
Pulse A Technitrol Comp...
B834 PULSE-B834 Datasheet
527Kb / 1P
ADSL Line Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com