Electronic Components Datasheet Search
  English  ▼

X  

TFS320 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS320
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS320 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS320 Datasheet HTML 1Page - Vectron International, Inc TFS320 Datasheet HTML 2Page - Vectron International, Inc TFS320 Datasheet HTML 3Page - Vectron International, Inc TFS320 Datasheet HTML 4Page - Vectron International, Inc TFS320 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 320.doc
Version 1.2
29.11.2005
VI TELEFILTER
Filter specification
TFS 320
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
100
150
200
250
300
350
400
450
500
550
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
316
317
318
319
320
321
322
323
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
frequency in MHz
316
317
318
319
320
321
322
323
-5
0
5
Construction and pin connection
(All dimensions in mm)
1
2
3
5
6
7
4
8
0,6
0,6
13
7
5
Date code
1
Ground
2
Input
3
Ground
4
Ground
5
Ground
6
Output
7
Ground
8
Ground
320
● T48
Date code:
Year + week
T
2005
U
2006
V
2007
...
200 Ω Test circuit
L1
SAW
L2
1, 3, 4, 5, 7, 8
6
2
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com