Electronic Components Datasheet Search
  English  ▼

X  

ZXRE060 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXRE060
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXRE060 Datasheet HTML 1Page - Diodes Incorporated ZXRE060 Datasheet HTML 2Page - Diodes Incorporated ZXRE060 Datasheet HTML 3Page - Diodes Incorporated ZXRE060 Datasheet HTML 4Page - Diodes Incorporated ZXRE060 Datasheet HTML 5Page - Diodes Incorporated ZXRE060 Datasheet HTML 6Page - Diodes Incorporated ZXRE060 Datasheet HTML 7Page - Diodes Incorporated ZXRE060 Datasheet HTML 8Page - Diodes Incorporated ZXRE060 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZXRE060
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060
Document number: DS33611 Rev. 6 - 2
4 of 12
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics
TA = 25°C, VIN = 3.3V, VOUT = VFB, IOUT = 5mA unless otherwise stated (Note 3).
Symbol Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback voltage
ZXRE060A
0.597
0.6
0.603
V
ZXRE060
0.594
0.6
0.606
TA = 0°C to 85°C
ZXRE060A
0.595
0.605
ZXRE060
0.592
0.608
TA = -40°C to 85°C
ZXRE060A
0.594
0.606
ZXRE060
0.591
0.609
TA = -40°C to 125°C
ZXRE060A
0.593
0.607
ZXRE060
0.590
0.610
FBLOAD
Feedback pin load
regulation
IOUT = 1 to 15mA
3.8
6
mV
TA = -40 to 125°C
10
FBLINE
Feedback pin line
regulation
VIN = 2V to 18V
0.1
1
mV
VIN = 2.2V to 18V
TA = -40 to 125°C
1.5
FBOVR
Output voltage
regulation
VOUT = 0.2V to 18V,
IOUT =1mA
(Ref. Figure 1)
1
mV
TA = -40 to 125°C
1.5
IFB
FB input bias
current
VIN = 18V
-45
nA
TA = -40 to 125°C
-200
0
IIN
Input current
VIN = 2V to 18V
IOUT =0.3mA
0.35
0.7
mA
VIN = 2.2V to 18V
TA = -40 to 125°C
1
VIN = 2V to 18V
IOUT =10mA
0.48
1
mA
VIN = 2.2V to 18V
TA = -40 to 125°C
1.5
IOUT(LK)
OUT leakage
current
VIN = 18V,
VOUT = 18V,
VFB =0V
0.1
µA
TA = 125°C
1
ZOUT
Dynamic Output
Impedance
IOUT = 1 to 15mA
f < 1kHz
0.25
0.4
Ω
TA = -40 to125°C
0.6
PSRR
Power supply
rejection ratio
f=300kHz
VAC= 0.3VPP
>45
dB
BW
Amplifier Unity Gain
Frequency
Ref: Fig 2
600
kHz
G
Amplifier
Transconductance
5000
mA/V
Note:
3. Production testing of the device is performed at 25
°C. Functional operation of the device and parameters specified over the operating temperature
range are guaranteed by design, characterisation and process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com