Electronic Components Datasheet Search
  English  ▼

X  

TFS322 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS322
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS322 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS322 Datasheet HTML 1Page - Vectron International, Inc TFS322 Datasheet HTML 2Page - Vectron International, Inc TFS322 Datasheet HTML 3Page - Vectron International, Inc TFS322 Datasheet HTML 4Page - Vectron International, Inc TFS322 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 322.doc
Version 1.3
24.08.2006
VI TELEFILTER
Filter specification
TFS 322
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
321.5
321.7
321.9
322.1
322.3
322.5
322.7
322.9
323.1
323.3
323.5
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
322.25
322.3
322.35
322.4
322.45
322.5
322.55
322.6
322.65
322.7
322.75
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
322.3
322.4
322.5
322.6
322.7
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
frequency in MHz
Construction and pin connection
(All dimensions in mm)
7
5
13
2,54
1,1
13
5
7
Date code
Date code: Year + week
U
2006
V
2007
W
2008
...
1
Output
2
Ground
3
External Coil
4
Ground
5
Input
6
Ground
7
Ground
8
Ground
S 322
● U34
50 Ω Test circuits
1
5
2, 4, 5, 7, 8
50 Ohm
50 Ohm
SAW
C1
L1
C2
L2
L3
3
1
5
2, 4, 6, 7, 8
50 Ohm
50 Ohm
SAW
L1
C1
L2
C2
3
L3
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com