Electronic Components Datasheet Search
  English  ▼

X  

TFS325C Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS325C
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS325C Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS325C Datasheet HTML 1Page - Vectron International, Inc TFS325C Datasheet HTML 2Page - Vectron International, Inc TFS325C Datasheet HTML 3Page - Vectron International, Inc TFS325C Datasheet HTML 4Page - Vectron International, Inc TFS325C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs 325c.doc
Version 1.6
22.08.2006
VI TELEFILTER
Filter specification
TFS 325C
3/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Stability characteristics, reliability
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: three times max.;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
This filter is RoHS compliant (2002/95/EG, 2005/618/EG)
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
Do
D1
P2
P1
Po
Ao
Pull Off Direction
PIN Marker
Typ
Date Code
Ko
t
Tape (all dimensions in mm)
W
: 16,00 ± 0,3
Po
:
4,00 ± 0,1
Do
:
1,50 +0,1/-0
E
:
1,75 ± 0,1
F
:
7,50 ± 0,1
G(min)
:
0,60
P2
:
2,00 ± 0,1
P1
:
8,00 ± 0,1
D1(min)
:
1,50
Ao
:
5,50 ± 0,1
Bo
:
7,50 ± 0,1
Ct
: 13,5
± 0,1
A
C
N
W 1
W 2
Reel (all dimensions in mm)
A
:330
W1
: 16,4
+2/-0
W2(max) : 22,4
N(min)
: 50
C
: 13,0
+0,5/-0,2
The minimum bending radius is 45 mm.
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com