Electronic Components Datasheet Search
  English  ▼

X  

DB473S6 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # DB473S6
Description  Silicon Diffused Junction Type Diode ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DB473S6 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  DB473S6 Datasheet HTML 1Page - Sanyo Semicon Device DB473S6 Datasheet HTML 2Page - Sanyo Semicon Device DB473S6 Datasheet HTML 3Page - Sanyo Semicon Device DB473S6 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DB473S6
No. A1378-3/4
ESD Suppressing Voltage Waveform (for reference)
Note: In the above circuit, the oscilloscope may be destroyed when 8kV is applied without protection device.
The ESD suppressing voltage waveform shown above is taken with one unit diode.
Time -- ns
020
0
20
40
80
60
100
40
60
IT14895
Applied voltage : 8kV (IEC61000-4-2
contact discharge) attenuation is corrected
Attenuator
Evaluation method (IEC61000-4-2 contact discharge)
DB473S6
HF oscilloscope
GND plane
ESD simulator
IT14772



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com